Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3316 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. AUIR3316
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3316 Datasheet(HTML) 4 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIR3316(S)
Protection Characteristics
Tj=-40°..150°C, Vcc=6..26V, Rifb=500 to 5k
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vifb-Vin@Isd Over-current shutdown threshold
3.8
4.7
5.9
V
Tsd
Over temperature threshold
165
°C
See fig. 5
OV
Over voltage protection (not latched)
26
29
33
V
Isdf
Fixed over current shutdown
90
120
150
Vifb<Vifb-Vin@Isd
Isd_1k
Programmable over current shutdown 1k
30
40
53
A
Rifb=1k
treset
Time to reset protection
50
500
See fig. 5
Min. pulse
Min. pulse width (no WAIT state)
900
2000
µs
Tj=25°C
WAIT
WAIT function timer
0.4
1
2
ms
See fig. 4 and 5
Reverse battery On state resistance,
Tj=25°C
4
6.7
10
Rds(on) rev.
Tj=125°C
10
15
m
Vcc-Vin=-14V,
Iout=30A
Static Electrical Characteristics
Tj=-40°..150°C, Vcc=6..26V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating Voltage range
6
26
V
Icc off
Supply leakage current
1.5
5
µA
Vin=Vcc, Vcc-Vout=14V,
Vcc-Vifb=14V, Tj=25°C
Iin, on
On state IN positive current
1.5
3
6
mA
Vcc-Vin=14V, Tj=25°C
Vih
High level Input threshold voltage (4)
5.4
6.3
Vil
Low level Input threshold voltage (4)
4
4.9
5.8
Vhyst
Input hysteresis Vih-Vil
0.2
0.4
1.5
V
Iout
Drain to source leakage current
1.2
5
µA
Vin=Vcc, Vcc-Vifb=0V,
Vcc-Vout=14V, Tj=25°C
On state resistance (5) Tj=25°C
4
5.5
7
Iout=30A, Vcc-Vin=14V
On state resistance (5) Tj=25°C
4
6
10
Iout=17A, Vcc-Vin=6V
Rds(on)
On state resistance (5)(6) Tj=150°C
7
10.5
13.5
m
Iout=30A, Vcc-Vin=14V
V clamp1
Vcc to Vout clamp voltage 1
36
39
Iout=50mA
V clamp2
Vcc to Vout clamp voltage 2
40
43
V
Iout=30A, Tj=25°C
(4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between
the load current path and the input signal path can significantly affect the thresholds.
(5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
(6) Guaranteed by design
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5
, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn on delay time to 10% Vcc
30
120
300
tr1
Rise time to Vcc-Vout=5V
20
50
125
tr2
Rise time to Vcc-Vout=0.1Vcc
30
80
200
µs
Eon
Turn on energy
14
mJ
tdoff
Turn off delay time
30
140
350
tf
Fall time to Vout=10% of Vcc
35
100
250
µs
Eoff
Turn off energy
7
mJ
See figure 2
www.irf.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn