Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3316 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. AUIR3316
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3316 Datasheet(HTML) 3 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AUIR3316(S)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Vcc lead. (Tj=-40°..150°C, Vcc=6..26V Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vcc-Vin
Maximum Vcc voltage
-16
37
Vcc-Vin cont.
Maximum continuous Vcc voltage
-16
26
Vcc-Vfb
Maximum Ifb voltage
-16
33
Vcc-Vout
Maximum output voltage
-0.3
37
V
Ids cont.
Maximum body diode continuous current Rth=60°C/W (1) Tambient=25°C
2.8
Ids pulsed
Maximum body diode pulsed current (1)
100
A
Pd
Maximum power dissipation Rth=60°C/W Tambient=25°C
2
W
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Min Rfb
Minimum on the resistor on Ifb pin
0.3
k
Ifb max.
Max. Ifb current
-50
50
mA
(1) Limited by junction temperature. Pulsed is also limited by wiring
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient D²-Pak Std footprint
60
Rth2
Thermal resistance junction to case D²-Pak
0.7
Rth2
Thermal resistance junction to case TO220
0.7
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
Continuous output current
Tambient=85°C, Rth=5°C/W, Tj=125°C
23
Iout
Tambient=85°C, Rth=60°C/W, Tj=125°C
7
A
Rifb
Recommended Ifb resistor (2)(3)
0.5
3.5
k
Pulse min.
Minimum turn-on pulse width
1
ms
Fmax.
Maximum operating frequency
200
Hz
(2) If Rifb is too low, the device can be damaged.
(3) If Rifb is too high, the device may not switch on.
www.irf.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn