Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIR3315 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AUIR3315
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR3315 Datasheet(HTML) 4 Page - Infineon Technologies AG

  AUIR3315 Datasheet HTML 1Page - Infineon Technologies AG AUIR3315 Datasheet HTML 2Page - Infineon Technologies AG AUIR3315 Datasheet HTML 3Page - Infineon Technologies AG AUIR3315 Datasheet HTML 4Page - Infineon Technologies AG AUIR3315 Datasheet HTML 5Page - Infineon Technologies AG AUIR3315 Datasheet HTML 6Page - Infineon Technologies AG AUIR3315 Datasheet HTML 7Page - Infineon Technologies AG AUIR3315 Datasheet HTML 8Page - Infineon Technologies AG AUIR3315 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIR3315(S)
Protection Characteristics
Tj=-40°..150°C, Vcc=6..26V, Rifb=500 to 5k
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vifb-Vin@Isd Over-current shutdown threshold
3.8
4.7
5.9
V
Tsd
Over temperature threshold
165
°C
See fig. 5
OV
Over voltage protection (not latched)
33
35
39
V
Isdf
Fixed over current shutdown
30
38
50
Vifb<Vifb-Vin@Isd
Isd_1k
Programmable over current shutdown 1k
9
12
17
A
Rifb=1k
treset
Time to reset protection
50
500
See fig. 5
Min. pulse
Min. pulse width (no WAIT state)
150
400
1200
µs
Tj=25°C
WAIT
WAIT function timer
0.4
1
2
ms
See fig. 4 and 5
Reverse battery On state resistance
Tj=25°C
16
28
Rds(on) rev.
Tj=125°C
24
42
m
Vcc-Vin=-14V,
Iout=10A
Static Electrical Characteristics
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating Voltage range
6
32
V
Icc off
Supply leakage current
1.5
5
µA
Vin=Vcc, Vcc-Vout=14V,
Vcc-Vifb=14V, Tj=25°C
Iin, on
On state IN positive current
1.5
3
6
mA
Vcc-Vin=14V, Tj=25°C
Vih
High level Input threshold voltage (4)
5.4
6.3
Vil
Low level Input threshold voltage (4)
4
4.9
5.8
Vhyst
Input hysteresis Vih-Vil
0.2
0.4
1.5
V
Iout
Drain to source leakage current
1.2
5
µA
Vin=Vcc, Vcc-Vifb=0V,
Vcc-Vout=14V, Tj=25°C
On state resistance (5) Tj=25°C
10
15
20
Iout=10A, Vcc-Vin=14V
On state resistance (5) Tj=25°C
10
16
28
Iout=7A, Vcc-Vin=6V
Rds(on)
On state resistance (5) Tj=150°C
20
28.5
38
m
Iout=10A, Vcc-Vin=14V
V clamp1
Vcc to Vout clamp voltage 1
36
39
Iout=50mA
V clamp2
Vcc to Vout clamp voltage 2
40
43
V
Iout=10A, Tj=25°C
(4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between
the load current path and the input signal path can significantly affect the thresholds.
(5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
Switching Electrical Characteristics
Vcc=14V, Resistive load=4
, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn on delay time to 10% Vcc
3
11
27
tr1
Rise time to Vcc-Vout=5V
1
4
10
tr2
Rise time to Vcc-Vout=0.1Vcc
2
8
20
µs
Eon
Turn on energy
0.2
mJ
tdoff
Turn off delay time
10
40
100
tf
Fall time to Vout=10% of Vcc
2
8
20
µs
Eoff
Turn off energy
0.1
mJ
See figure 2
www.irf.com
4


Similar Part No. - AUIR3315

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315S IRF-AUIR3315S Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315STRL IRF-AUIR3315STRL Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315STRR IRF-AUIR3315STRR Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - AUIR3315

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3313 INFINEON-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
logo
International Rectifier
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
logo
International Rectifier
IR3313PBF IRF-IR3313PBF Datasheet
778Kb / 10P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
1441791 IRF-1441791 Datasheet
313Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com