Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3314 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. AUIR3314
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3314 Datasheet(HTML) 16 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AUIR3314(S)
www.irf.com
16
Revision History
Revision
Date
Notes/Changes
A
01/09/2006
First release
B
22/01/2007
Pin assignment
C
16/04/2008
Isd_1K max : 31A -> 30A
Isd_1k typ : 18A -> 18.8A
D
14/01/2010
AU release
E
14/11/2010
Change description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn