Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3314 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. AUIR3314
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3314 Datasheet(HTML) 1 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
November, 14th 2010
Automotive grade
AUIR3314(S)
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Features
Load current feedback
www.irf.com
1
Programmable over current shutdown
Active clamp
ESD protection
Input referenced to Vcc
Over temperature shutdown
Reverse battery protection
Lead-Free
Description
The AUIR3314(S) is a fully protected 4 terminals high side
switch. The input signal is referenced to Vcc. When the
input voltage Vcc - Vin is higher than the specified
threshold, the output power Mosfet is turned on. When the
Vcc - Vin is lower than the specified Vil threshold, the
output Mosfet is turned off. A current proportional to the
power Mosfet current is sourced to the Ifb pin. Over
current shutdown occurs when Vifb-Vin > 4.7V. The
current shutdown threshold is adjusted by selecting the
proper RIfb. Either over current and over temperature
latches off the switch. The device is reset by pulling the
input pin high. Other integrated protections (ESD, reverse
battery, active clamp) make the switch very rugged in
automotive environment.
Product Summary
Rds(on)
12 m
 max.
Vcc op.
6 to 32V
Current Ratio
5300
Prog. Ishutdown
6 to 58A
Vclamp
40V
Packages
TO-220
D²Pak
AUIR3314
Pin 4 and 5 fused
AUIR3314S
Typical Connection
Out
AUIR3314
IN
Rifb
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn