Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3314 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. AUIR3314
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3314 Datasheet(HTML) 8 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AUIR3314(S)
www.irf.com
8
All curves are typical characteristics. Operation in hatched areas is not recommended. Tj=25°C, Rifb=500ohm, Vcc=14V
(unless otherwise specified).
0
2
4
6
8
10
0
10
2030
405
0
1
2
3
4
5
6
-50
0
50
100
150
0
Vcc-Vin, supply voltage (V)
Tj, junction temperature (°C)
Figure 6 – Icc (mA) Vs Vcc-Vin (V)
Figure 7 – Icc off (µA) Vs Tj (°C)
50%
100%
150%
200%
-50
0
50
100
150
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Vifb-Vin@Isd
VIH
VIL
Tj, junction temperature (°C)
Tj, junction temperature (°C)
Figure 8 - Normalized Rds(on) (%) Vs Tj (°C)
Figure 9 – Vih, Vil and Vifb-Vin@Isd (V) Vs Tj (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn