Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3314 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. AUIR3314
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3314 Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AUIR3314(S)
Lead Assignments
1- In
2- Ifb
3- Vcc (tab)
4- Out
5- Out
1 2
4 5
D²Pak
3- Vcc
1 2 3 4 5
TO220
3- Vcc
1- In
2- Ifb
3- Vcc (tab)
4- NC
5- Out
Vout
Vcc-Vin
tr-in
90%
10%
90%
10%
td on
tr1
td off
tf
Vc c-5V
tr2
Vcc-Vin
Vih
Vil
Vhyst
Iin
Icc
Ifb
IN
Vcc
Out
IR3314
Ifb
Vcc-Vout
Vclamp1
Vclamp2
Iout
Isd
Figure 1 – Voltages and current definitions
Figure 2 – Switching time definitions
www.irf.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn