Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3314 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. AUIR3314
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3314 Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AUIR3314(S)
Current Sense Characteristics
Tj=-40°..150°C, Vcc=6..26V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ratio
I Load/Iifb current ratio
4800
5300
6000
Rfb=500
, Iout=40A
Ratio_TC
I Load/Iifb variation aver temperature
-5
+5
%
Tj=-40°C to 150°C
Offset
Load current diagnostic offset
-0.15
0
+0.18
A
Iout=2A
trst
Ifb response time (low signal)
1
µs
90% of the Iout step
Functional Block Diagram
All values are typical
1 ms
3mA
Charge
Pump
Fast turn-off
Driver
reverse
battery
protection
IN
IFB
OUT
VCC
On/Off
Set
Reset
Latch
Q
timer
43V
+
-
-
+
4.7V
Tj > 165°C
Iout > 72A
400µs
timer
-
+
35V
38V
43V
-
+
43V
Wait
Min. Pulse
www.irf.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn