Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AUIR3314 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. AUIR3314
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

AUIR3314 Datasheet(HTML) 4 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIR3314(S)
Protection Characteristics
Tj=-40°..150°C, Vcc=6..26V, Rifb=500 to 5k
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vifb-Vin@Isd Over-current shutdown threshold
3.8
4.7
5.9
V
Tsd
Over temperature threshold
165
°C
See fig. 5
OV
Over voltage protection (not latched)
33
35
39
V
Isdf
Fixed over current shutdown
57
72
90
Vifb<Vifb-Vin@Isd
Isd_1k
Programmable over current shutdown 1k
19
24
32
A
Rifb=1k
treset
Time to reset protection
50
500
See fig. 5
Min. pulse
Min. pulse width (no WAIT state)
150
400
1200
µs
Tj=25°C
WAIT
WAIT function timer
0.4
1
2
ms
See fig. 4 and 5
Reverse battery On state resistance
Tj=25°C
10
18
Rds(on) rev.
Tj=125°C
15
27
m
Vcc-Vin=-14V,
Iout=20A
Static Electrical Characteristics
Tj=-40°..150°C, Vcc=6..26V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating Voltage range
6
32
V
Icc off
Supply leakage current
1.5
5
µA
Vin=Vcc, Vcc-Vout=14V,
Vcc-Vifb=14V, Tj=25°C
Iin, on
On state IN positive current
1.5
3
6
mA
Vcc-Vin=14V, Tj=25°C
Vih
High level Input threshold voltage (4)
5.4
6.3
Vil
Low level Input threshold voltage (4)
4
4.9
5.8
Vhyst
Input hysteresis Vih-Vil
0.2
0.4
1.5
V
Iout
Drain to source leakage current
1.2
5
µA
Vin=Vcc, Vcc-Vifb=0V,
Vcc-Vout=14V, Tj=25°C
On state resistance (5) Tj=25°C
9
12
Iout=20A, Vcc-Vin=14V
On state resistance (5) Tj=25°C
9.5
17
Iout=15A, Vcc-Vin=6V
Rds(on)
On state resistance (5) Tj=150°C
17
23
m
Iout=20A, Vcc-Vin=14V
V clamp1
Vcc to Vout clamp voltage 1
36
39
Iout=50mA
V clamp2
Vcc to Vout clamp voltage 2
40
43
V
Iout=20A, Tj=25°C
(4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between
the load current path and the input signal path can significantly affect the thresholds.
(5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5
, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn on delay time to 10% Vcc
5
21
55
tr1
Rise time to Vcc-Vout=5V
2
8
20
tr2
Rise time to Vcc-Vout=0.1Vcc
7
27
70
µs
Eon
Turn on energy
4.5
mJ
tdoff
Turn off delay time
13
55
140
tf
Fall time to Vout=10% of Vcc
5
20
55
µs
Eoff
Turn off energy
2
mJ
See figure 2
www.irf.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn