Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIPS6041 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # AUIPS6041
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS6041 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button AUIPS6041 Datasheet HTML 3Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 4Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 5Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 6Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 7Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 8Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 9Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 10Page - Infineon Technologies AG AUIPS6041 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AUIPS6041(G)(R)(S)
www.irf.com
7
Vds
Ids
Vin
Vcc
Vds clamp
T clamp
See Application Notes to evaluate power dissipation
Tj
Ilim
Tsd+
Tsd-
Iout
Vin
limiting
Thermal cycling
DG
Figure 1
– Active clamp waveforms
Figure 2
– Protection timing diagram
Vout
Vin
Tr-in
90%
10%
90%
10%
Td on
Tr1
Td off
Tf
Vcc-5V
Tr2
Vcc
Figure 3
– Switching times definitions
Figure 4
– Active clamp test circuit
Vclamp
Iout
Vin
In
Vcc
Out
R
L
0V
5V
14V
+
-
Vout
Rem :
During active
clamp, Vload
is negative
Dg
Gnd


Similar Part No. - AUIPS6041

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041 IRF-AUIPS6041 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - AUIPS6041

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com