Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD122 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MJD122
Description  NPN Silicon Darlington Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD122 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MJD122 Datasheet HTML 1Page - First Silicon Co., Ltd MJD122 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 10. 14
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
MJD122
MJD122I
FEATURES
∙ High DC Current Gain
∙ Electrically Similar to Popular TIP122
∙ Built-in a Damper Diode at E-C
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
Collector Current -Continuous
8
A
PC
W
5
.
1
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
C
TJ, Tstg
Junction and Storage Te
0
5
1
-
5
5
-
e
r
u
t
a
r
e
p
m
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
Ic=
1mA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
30mA,IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=3mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=100V,IE=0
10
µA
Collector-emitter cut-off current
ICEO
VCE=50V,IE=0
10
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
2
mA
hFE(2)
VCE=4V,IC=4A
1000
12000
DC current gain
hFE(3)
VCE=4V,IC=8A
100
VCE(sat)1IC=4A,IB=16mA
2
V
Collector-emitter saturation voltage
VCE(sat)2IC=8A,IB=80mA
4
V
Base-emitter saturation voltage
VBE(sat)
IC=8A,IB=80mA
4.5
V
Base-emitter voltage*
VBE
VCE=4V,IC=4A
2.8
V
Collector output capacitance
Cob
VCB=10V,IE=0,f=0.1MHz
200
pF
NPN Silicon Darlington Transistor
Equivalent Circuit
B
E
C
R1
R2
R1
8k
R2
0.12k
We declare that the material of
product compliance with RoHS requirements.
D-PAK (TO-252)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6.50 ± 0.2
5.60 ± 0.2
5.20 ± 0.2
1.50 ± 0.2
2.70 ± 0.2
2.30 ± 0.1
1.00 MAX
2.30 ± 0.2
0.5 ± 0.1
0.50 ± 0.10
E
1.6 ± 0.2
O
A
C
I
J
H
F
F
L
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
0.95 MAX
Q


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
Inchange Semiconductor ...
MJD122 ISC-MJD122 Datasheet
246Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
   Complementary Darlington Power Transistors
1995 REV 1
logo
Jiangsu Changjiang Elec...
MJD122 JIANGSU-MJD122 Datasheet
1Mb / 3P
   TRANSISTOR(NPN)
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
   Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
2SD1693 NEC-2SD1693 Datasheet
151Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
GTM CORPORATION
GMPSA14 GTM-GMPSA14 Datasheet
153Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com