Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR78MXXD Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FR78MXXD
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR78MXXD Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FR78MXXD Datasheet HTML 1Page - First Silicon Co., Ltd FR78MXXD Datasheet HTML 2Page - First Silicon Co., Ltd FR78MXXD Datasheet HTML 3Page - First Silicon Co., Ltd FR78MXXD Datasheet HTML 4Page - First Silicon Co., Ltd FR78MXXD Datasheet HTML 5Page - First Silicon Co., Ltd FR78MXXD Datasheet HTML 6Page - First Silicon Co., Ltd FR78MXXD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
FR78M08D
(unless otherwise specified : VIN=14V, IOUT=350mA, CIN=0.33 F, COUT=0.1 F)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Tj=25
7.7
8
8.3
V
5mA IOUT 350mA
PD 7.5W, 10.5V VIN 23V
7.6
8
8.4
Line Regulation
Reg Line
11V VIN 25V, IOUT=200mA
-
-
50
mV
10.5V VIN 25V, IOUT=200mA
-
-
100
Load Regulation
Reg Load
5mA IOUT 500mA
-
-
100
mV
Quiescent Current
IB
Tj=25
-
4
6
mA
Quiescent Current Change
IB
5mA IOUT 350mA
-
-
0.5
mA
10.5V VIN 25V, IOUT=200mA
-
-
1.0
mA
Output Noise Voltage
VNO
f=10Hz 100kHz
-
50
-
V
Ripple Rejection
R R
f=120Hz, 11V VIN 25V
IOUT=300mA
56
75
-
dB
Dropout Voltage
VD
IOUT=500mA
-
2.0
-
V
Short Circuit Current
ISC
VIN=35V
-
300
-
mA
Output Voltage Drift
VOUT/ T
IOUT=5mA, Tj=0 125
-
-0.5
-
mV/
2008. 05. 17
3/7
FR78M05D ~ FR78M15D
Revision No : 0
1


Similar Part No. - FR78MXXD

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FR7805D FS-FR7805D Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
FR7805DD FS-FR7805DD Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
FR7805T FS-FR7805T Datasheet
524Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
FR7805T FS-FR7805T Datasheet
524Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - FR78MXXD

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com