Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUY72 Datasheet(PDF) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUY72
Description  SPTECH Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUY72 Datasheet(HTML) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
2
SPTECH Silicon NPN Power Transistor
BUY72
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 20mA; IB= 0
200
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
280
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1m A; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 0.875A
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 7A; VCE= 1.5V
1.6
V
ICBO
Collector Cutoff Current
VCB= 280V; IE= 0
VCB= 280V; IE= 0; TC= 150℃
1.0
10
mA
ICES
Collector Cutoff Current
VCE= 280V; VBE= 0
VCE= 280V; VBE= 0; TC= 150℃
1.0
10
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 2A; VCE= 1.5V
25
160
hFE-2
DC Current Gain
IC= 7A; VCE= 1.5V
8
fT
Current-Gain—Bandwidth Product
IC= 0.2A; VCE= 10V
20
MHz
COB
Collector Output Capacitance
IE= 0; VCB= 10V, f= 1MHz
200
pF
Switching Times
ton
Turn-On Time
IC= 6A; IB1= -IB2= 1A
2.0
μ
s
toff
Turn-Off Time
2.0
μ
s
ts
Storage Time
1.2
μ
s


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn