Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUY69A Datasheet(PDF) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUY69A
Description  SPTECH Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUY69A Datasheet(HTML) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
2
SPTECH Silicon NPN Power Transistors
BUY69A/BUY69B/BUY69C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUY69A
IC= 50mA ; IB= 0
400
V
BUY69B
325
BUY69C
200
VCBO
Collector-Base Voltage
BUY69A
IC= 1mA; IE= 0
1000
V
BUY69B
800
BUY69C
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 8A ;IB= 2.5A
3.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A ;IB= 2.5A
2.2
V
ICBO
Collector Cutoff Current
VCB=VCBO; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 8V; IC= 0
1.0
mA
hFE
DC Current Gain
IC= 2.5A ; VCE= 10V
15
fT
Current-Gain—Bandwidth Product
IC= 0.5A ; VCE= 10V;ftest= 1MHz
10
MHz
Switching Times
tr
Rise Time
IC=5A ;IB1=-IB2=1A;
VCC=250V
0.3
μ
s
ts
Storage Time
1.8
μ
s
tf
Fall Time
1.0
μ
s


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn