Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUY69A Datasheet(PDF) 1 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUY69A
Description  SPTECH Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUY69A Datasheet(HTML) 1 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
1
SPTECH Silicon NPN Power Transistors
BUY69A/BUY69B/BUY69C
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
:VCEO(SUS) = 400V(Min)- BUY69A ;
325V(Min)- BUY69B;
200V(Min)- BUY69C
APPLICATIONS
·
Designed for horizontal deflection output stage of CTV
receivers and high voltalge, fast switching and industrial
application.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter
Voltage(VBE= 0)
BUY69A
1000
V
BUY69B
800
BUY69C
500
VCEO
Collector-Emitter
Voltage
BUY69A
400
V
BUY69B
325
BUY69C
200
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-peak
15
A
IB
Base Current-Continuous
3.0
A
PC
Collector Power Dissipation
@TC=25℃
100
W
Tj
Junction Temperature
200
Tstg
Storage Temperature Range
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.75
/W


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn