Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUY58 Datasheet(PDF) 1 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUY58
Description  SPTECH Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUY58 Datasheet(HTML) 1 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
1
SPTECH Silicon NPN Power Transistor
BUY58
DESCRIPTION
·
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 160V(Min.)
·
Low Collector Saturation Voltage-
: VCE(sat)= 1.3V@ IC= 10A
APPLICATIONS
·
Designed for general switching applications at higher outputs.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VCBO
Collector-Base Voltage
250
V
VCES
Collector-Emitter Voltage
250
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
25
A
IB
Base Current-Continuous
5
A
PC
Collector Power Dissipation
@TC≤25℃
117
W
Tj
Junction Temperature
175
Tstg
Storage Temperature Range
-65~175
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.28
/W


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn