Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUY24 Datasheet(PDF) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUY24
Description  SPTECH Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUY24 Datasheet(HTML) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
2
SPTECH Silicon NPN Power Transistor
BUY24
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; IB= 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1m A; IC= 0
6
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
0.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
1.3
V
ICBO
Collector Cutoff Current
VCB=60V; IE= 0
VCB=60V; IE= 0; TC= 125℃
10
1.0
μ
A
mA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 2V
45
hFE-2
DC Current Gain
IC= 2A; VCE= 2V
40
hFE-3
DC Current Gain
IC= 5A; VCE= 2V
40
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 5V
100
MHz
COB
Collector Output Capacitance
IE= 0; VCB= 10V
35
pF
Switching Times
ton
Turn-On Time
IC= 5A; IB1= 0.5A
0.35
μ
s
toff
Turn-Off Time
IC= 5A; IB1= -IB2= 0.5A
0.65
μ
s


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn