Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUX98AP Datasheet(PDF) 1 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUX98AP
Description  SPTECH Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUX98AP Datasheet(HTML) 1 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
1
SPTECH Silicon NPN Power Transistor
BUX98AP
DESCRIPTION
·
High Voltage Capability
·
High Current Capability
·
Fast Switching Speed
APPLICATIONS
·
High frequency and efficiency converters
·
Linear and switching industrial equipment
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1000
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
24
A
ICM
Collector Current-peak ( tp <5 ms )
36
A
IB
Base Current-Continuous
5
A
IBM
Base Current-peak ( tp <5 ms )
8
A
PC
Collector Power Dissipation
@TC=25℃
200
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.63
/W


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn