Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUX78A Datasheet(PDF) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUX78A
Description  SPTECH Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUX78A Datasheet(HTML) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
2
SPTECH Silicon PNP Power Transistor
BUX78A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -50mA; IB= 0
-80
V
VCES
Collector-Emitter Voltage
IC= -2mA; VBE= 0
-100
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA; IC= 0
-6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
-1.0
V
VBE(on)
Base-Emitter On Voltage
IC= -5A; IB= -0.5A
-1.3
V
ICEO
Collector Cutoff Current
VCE= -60V; IB= 0
-10
μ
A
ICBO
Collector Cutoff Current
VCB= -80V; IE= 0
VCB= -80V; IE= 0, TC=150℃
-0.5
-150
μ
A
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
-0.5
μ
A
hFE-1
DC Current Gain
IC= -0.5A; VCE= -5V
70
hFE-2
DC Current Gain
IC= -2A; VCE= -5V
50
120
hFE-3
DC Current Gain
IC= -5A; VCE= -5V
30
hFE-4
DC Current Gain
IC= -1A; VCE= -5V; TC= -40℃
25
fT
Current-Gain—Bandwidth Product
IC= -0.5A; VCE= -5V
1.5
MHz
Switching Times
tr
Rise Time
IC= -5A; IB1= -IB2= -0.5A; VCC= -40V
0.2
μ
s
ts
Storage Time
2.0
μ
s
tf
Fall Time
0.2
μ
s


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn