Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB47CA Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB47CA
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB47CA Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6SMB47CA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB47CA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB47CA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB47CA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 623 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Voltage
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Device
VBR
Current
Voltage
Reverse Leakage
Peak Pulse
Clamping
Temperature
Marking
(Volts) (Note 1)
@IT
VWM
at VWM
Current IRSM
Voltage at IPPM
Coefficient
Code
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
P6SMB91
MUJ
81.9
100.0
1.0
73.7
5.0
4.8
131.0
0.106
P6SMB91A
MVJ
86.5
95.5
1.0
77.8
5.0
5.0
125.0
0.106
P6SMB100
MWJ
90.0
110.0
1.0
81.0
5.0
4.3
144.0
0.106
P6SMB100A
MXJ
95.0
105.0
1.0
85.5
5.0
4.5
137.0
0.106
P6SMB110
MYJ
99.0
121.0
1.0
89.2
5.0
3.9
158.0
0.107
P6SMB110A
MZJ
105.0
116.0
1.0
94.0
5.0
4.1
152.0
0.107
P6SMB120
NDJ
108.0
132.0
1.0
97.2
5.0
3.6
173.0
0.107
P6SMB120A
NEJ
114.0
126.0
1.0
102.0
5.0
3.8
165.0
0.107
P6SMB130
NFJ
117.0
143.0
1.0
105.0
5.0
3.3
187.0
0.107
P6SMB130A
NGJ
124.0
137.0
1.0
111.0
5.0
3.5
179.0
0.107
P6SMB150
NHJ
135.0
165.0
1.0
121.0
5.0
2.9
215.0
0.108
P6SMB150A
NKJ
143.0
158.0
1.0
128.0
5.0
3.0
207.0
0.108
P6SMB160
NLJ
144.0
176.0
1.0
130.0
5.0
2.7
230.0
0.108
P6SMB160A
NMJ
152.0
168.0
1.0
136.0
5.0
2.8
219.0
0.108
P6SMB170
NNJ
153.0
187.0
1.0
138.0
5.0
2.5
244.0
0.108
P6SMB170A
NPJ
162.0
179.0
1.0
145.0
5.0
2.6
234.0
0.108
P6SMB180
NQJ
162.0
198.0
1.0
146.0
5.0
2.4
258.0
0.108
P6SMB180A
NRJ
171.0
189.0
1.0
154.0
5.0
2.5
246.0
0.108
P6SMB200
NSJ
180.0
220.0
1.0
162.0
5.0
2.1
287.0
0.108
P6SMB200A
NTJ
190.0
210.0
1.0
171.0
5.0
2.2
274.0
0.108
P6SMB220
NUJ
198.0
242.0
1.0
175.0
5.0
1.8
342.0
0.108
P6SMB220A
NVJ
209.0
231.0
1.0
185.0
5.0
1.9
328.0
0.108
Notes:
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waverform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or Ca suffix for types P6SMB6.8 through P6SMB200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.


Similar Part No. - P6SMB47CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB47CA CENTRAL-P6SMB47CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
UN Semiconducctor INC
P6SMB47CA UNSEMI-P6SMB47CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P6SMB47CA LUGUANG-P6SMB47CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
P6SMB47CA SUNMATE-P6SMB47CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Weitron Technology
P6SMB47CA WEITRON-P6SMB47CA Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - P6SMB47CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com