Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLL36030T Datasheet(PDF) 2 Page - Schneider Electric

Part # HLL36030T
Description  Circuit breaker, PowerPact H, thermal magnetic, 30A, 3 pole, 600V, 50kA, interchangable trip unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HLL36030T Datasheet(HTML) 2 Page - Schneider Electric

  HLL36030T Datasheet HTML 1Page - Schneider Electric HLL36030T Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
CE
UL Listed
IEC
CSA
CCC
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01120 - HL,JL UNIT MT BREAKER/SWITCH
Discount Schedule
DE2
Nbr. of units in pkg.
1
Package weight(Lbs)
1 lb(US) (0.45 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Contractual warranty
Warranty
18 months
2


Similar Part No. - HLL36030T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HLL36030 SCHNEIDER-HLL36030 Datasheet
150Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 30A, 3 pole, 600V, 50kA
HLL36030C SCHNEIDER-HLL36030C Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 30A, 3 pole, 600V, 50kA, 100% rated
HLL36030M38X SCHNEIDER-HLL36030M38X Datasheet
170Kb / 2P
   Motor circuit protector, PowerPact H, 30A, 3 pole, 600V, 50kA
HLL36030M71 SCHNEIDER-HLL36030M71 Datasheet
163Kb / 2P
   Motor circuit protector, PowerPact H, 30A, 3 pole, 600V, 50kA
More results

Similar Description - HLL36030T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HLL36025T SCHNEIDER-HLL36025T Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 25A, 3 pole, 600V, 50kA, interchangable trip unit
HLL36045T SCHNEIDER-HLL36045T Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 45A, 3 pole, 600V, 50kA, interchangable trip unit
HLL36015T SCHNEIDER-HLL36015T Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 15A, 3 pole, 600V, 50kA, interchangable trip unit
HLL36020T SCHNEIDER-HLL36020T Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 20A, 3 pole, 600V, 50kA, interchangable trip unit
HLL36040T SCHNEIDER-HLL36040T Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 40A, 3 pole, 600V, 50kA, interchangable trip unit
HLL36060T SCHNEIDER-HLL36060T Datasheet
170Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 60A, 3 pole, 600V, 50kA, interchangable trip unit
HGL36030T SCHNEIDER-HGL36030T Datasheet
143Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 30A, 3 pole, 600V, 18kA, interchangable trip unit
HDL36030T SCHNEIDER-HDL36030T Datasheet
165Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 30A, 3 pole, 600V, 14kA, interchangable trip unit
HJL36030T SCHNEIDER-HJL36030T Datasheet
141Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 30A, 3 pole, 600V, 25kA, interchangable trip unit
HDL36025T SCHNEIDER-HDL36025T Datasheet
165Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 25A, 3 pole, 600V, 14kA, interchangable trip unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com