Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLL36000S15SA Datasheet(PDF) 1 Page - Schneider Electric

Part No. HLL36000S15SA
Description  AUTOMATIC MOLDED CASE SWITCH 600V 150A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

HLL36000S15SA Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HLL36000S15SA
AUTOMATIC MOLDED CASE SWITCH 600V
150A
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 2,705.00 USD
Main
Product or component type
Automatic switch
Range of product
PowerPact H
Trip unit technology
Magnetic
Accessory / separate part type
Shunt trip 120 V DC
Complementary
Line Rated Current
150 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Short-circuit withstand
125 kA 240 V UL 489
100 kA 480 V UL 489
50 kA 600 V UL 489
Breaking capacity code
L
Electrical connection
Lugs line
Lugs load
AWG gauge
AWG 14...AWG 3/0 aluminium/copper)
Terminal identifier
AL150HD
Magnetic tripping current
2250 A
Maximum Height
6.4 in (162.56 mm)
Width
4.12 in (104.65 mm)
Depth
4.36 in (110.74 mm)
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.15 in² (2.5…95 mm²) AWG 14...AWG 3/0)
Environment
Product certifications
CE
IEC
Jul 14, 2020
1


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn