Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD94100 Datasheet(PDF) 87 Page - Nuvoton Technology Corporation

Part # ISD94100
Description  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 Datasheet(HTML) 87 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 83Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 84Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 85Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 86Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 87Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 88Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 89Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 90Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 91Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 87 of 109
Rev1.13
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IPWD3
-
3.5
7.5
A
VDD = 3.3 V, All oscillators and analog
blocks turned off. LIRC on
IPWD4
-
3.5
-
A
VDD = 1.8 V, All oscillators and analog
blocks turned off. LIRC on
ILK
Input Leakage Current
-1
-
+1
A
VDD = 3.6 V, 0 < VIN< VDD
Open-drain or input only mode
VIL1
Input Low Voltage (TTL
input)
-0.3
-
0.8
V
VDD = 3.3 V
-0.3
-
0.6
VDD = 1.8 V
VIH1
Input High Voltage (TTL
input)
2.0
-
VDD + 0.3
V
VDD = 3.3 V
1.5
-
VDD + 0.3
VDD = 1.8 V
VILS
Negative going threshold
(Schmitt input), nRESET
-0.3
-
0.3 VDD
V
VIHS
Positive going threshold
(Schmitt input), nRESET
0.7 VDD
-
VDD + 0.3
V
RRST
Internal nRESET pin pull
up resistor
-
50
-
VILS
Schmitt input high voltage
0.6* VDD
0.75* VDD
V
VIHS
Schmitt input low voltage
0.3* VDD
0.4* VDD
V
Hysteresis Schmitt buffer hysteresis
-
0.2 VDD
-
V
ISR11
Source Current (Quasi-
bidirectional Mode)
-
-9.3
-
A
VDD = 3.3 V, VS = 2.8 V
ISR12
-
-7.5
-
A
VDD = 2.7 V, VS = 2.3 V
ISR13
-
-5.6
-
A
VDD = 1.8 V, VS = 1.5 V
ISR21
Source Current (Push-
pull Mode)
-
-20
-
mA
VDD = 3.3 V, VS = 2.8 V
ISR22
-14
-15
-
mA
VDD = 2.7 V, VS = 2.3 V
ISR23
-11
-7.9
-
mA
VDD = 1.8 V, VS = 1.5 V
ISK11
Sink
Current
(Quasi-
bidirectional, Open-Drain
and Push-pull Mode)
14
20
-
mA
VDD = 3.3 V, VS = 0.5 V
ISK12
11
15
-
mA
VDD = 2.7 V, VS = 0.4 V
ISK13
-
8.2
-
mA
VDD = 1.8 V, VS = 0.3 V
Notes:
1.
nRESET pin is a Schmitt trigger input.
Table 7.3-1 DC Electrical Characteristics


Similar Part No. - ISD94100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Similar Description - ISD94100

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com