Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HJP36100M73 Datasheet(PDF) 1 Page - Schneider Electric

Part No. HJP36100M73
Description  Motor circuit protector, PowerPact H, 100A, 3 pole, 600V, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

HJP36100M73 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HJP36100M73
Motor circuit protector, PowerPact H, 100A, 3
pole, 600V, 25kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,646.00 USD
Main
Product or component type
Motor Circuit Protector
Range of product
PowerPact H
Trip Unit Type
Electronic
Breaking capacity code
J
Complementary
Line Rated Current
100 A
Number of Poles
3P
Interrupt Rating
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Electrical connection
Terminal nut line
Lugs load
Wire Gauge
AWG 14...AWG 3/0 aluminium/copper
[Ith] conventional free air thermal
current
30…80 A
Magnetic tripping current
180…1040 A
Maximum Height
6.4 in (162.56 mm)
Width
4.12 in (104.65 mm)
Depth
4.36 in (110.74 mm)
Tightening torque
49.56…60.18 lbf.in (5.6…6.8 N.m)
Environment
Product certifications
IEC
UR
Jul 14, 2020
1


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn