Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2593 Datasheet(PDF) 15 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 15 Page - New Japan Radio

Back Button NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio NJM2593 Datasheet HTML 10Page - New Japan Radio NJM2593 Datasheet HTML 11Page - New Japan Radio NJM2593 Datasheet HTML 12Page - New Japan Radio NJM2593 Datasheet HTML 13Page - New Japan Radio NJM2593 Datasheet HTML 14Page - New Japan Radio NJM2593 Datasheet HTML 15Page - New Japan Radio NJM2593 Datasheet HTML 16Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
NJM2593
Ver.2004-08-25
-15 -
S+N,N,AMR versus Mixer Input
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-20
0
20
40
60
80
100
120
Mixer Input Level VinMIX(dBuVEMF)
Condition 2(Mixer input),AM=30%
S+N
AMR
N
S+N,N,AMR versus IF Input
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-20
0
20
40
60
80
100
120
IF Input Level VinIF(dBuVEMF)
Condition 1(IF input),AM=30%
S+N
AMR
N
RSSI Output versus Mixer Input
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-20
0
20
40
60
80
100
120
Mixer Input Level VinMIX(dBuVEMF)
Condition 2(Mixer input)
V+=2.0V
RSSI Output versus IF Input
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-20
0
20
40
60
80
100
120
IF Input Level VinIF(dBuVEMF)
V+=2.0V
Condition 1(IF input)
Mixer Conversion Gain versus Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta(°C)
Fmix=21.7MHz
Measured at Pin3,terminated with 1.8kΩ and 0.1uF


Similar Part No. - NJM2593

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2590 NJRC-NJM2590 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V NJRC-NJM2590V Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2590V NJRC-NJM2590V Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
More results

Similar Description - NJM2593

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2552 NJRC-NJM2552 Datasheet
285Kb / 21P
   100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
NJM2591 NJRC-NJM2591 Datasheet
239Kb / 13P
   100MHz INPUT 450kHz FM IF DEMODULATOR IC FOR VOICE
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2592V-TE1 NJRC-NJM2592V-TE1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
New Japan Radio
NJM2592 NJRC-NJM2592 Datasheet
69Kb / 3P
   470MHz INPUT 455kHz FM IF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com