Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE75602-ESH Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 56Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 57Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 58Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 59Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 60Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 61Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 62Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 63Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
Datasheet
60
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.4
Electrical Characteristics
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Table 13
Electrical Characteristics Serial Peripheral Interface (SPI)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input Characteristics (CSN, SCLK, SI) - “low” level of pin
CSN
VCSN(L)
0–
0.8
V
P_10.4.1
SCLK
VSCLK(L)
0–
0.8
V
P_10.4.2
SI
VSI(L)
0–
0.8
V
P_10.4.3
Input Characteristics (CSN, SCLK, SI) - “high” level of pin
CSN
VCSN(H)
2–
VDD
V
P_10.4.4
SCLK
VSCLK(H)
2–
VDD
V
P_10.4.5
SI
VSI(H)
2–
VDD
V
P_10.4.6
Input Pull-Up Current at Pin CSN
L-input pull-up current at CSN pin -ICSN(L)
30
60
90
μA
VDD = 5 V
VCSN = 0.8 V
P_10.4.7
H-input pull-up current at CSN pin -ICSN(H)
20
40
65
μA
VDD = 5 V
VCSN = 2 V
P_10.4.8
L-Input Pull-Down Current at Pin
SCLK
ISCLK(L)
512
20
μA
VSCLK = 0.8 V
P_10.4.9
SI
ISI(L)
512
20
μA
VSI = 0.8 V
P_10.4.10
H-Input Pull-Down Current at Pin
SCLK
ISCLK(H)
14
28
45
μA
VSCLK = 2 V
P_10.4.11
SI
ISI(H)
14
28
45
μA
VSI = 2 V
P_10.4.12
Output Characteristics (SO)
L level output voltage
VSO(L)
0–
0.4
V
ISO = -1.5 mA
P_10.4.13
H level output voltage
VSO(H)
VDD - 0.4 –
VDD
V
ISO = 1.5 mA
P_10.4.14
Output tristate leakage current
ISO(OFF)
-1
1
μA
VCSN =VDD
VSO = 0 V
P_10.4.15
Output tristate leakage current
ISO(OFF)
-1
1
μA
VCSN =VDD
VSO = VDD
P_10.4.16
Timings
Enable lead time (falling CSN to
rising SCLK)
tCSN(lead) 200
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.17
Enable lag time (falling SCLK to
rising CSN)
tCSN(lag)
200
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.18


Similar Part No. - TLE75602-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75602-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com