Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8110ED Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 47Page - Infineon Technologies AG TLE8110ED Datasheet HTML 48Page - Infineon Technologies AG TLE8110ED Datasheet HTML 49Page - Infineon Technologies AG TLE8110ED Datasheet HTML 50Page - Infineon Technologies AG TLE8110ED Datasheet HTML 51Page - Infineon Technologies AG TLE8110ED Datasheet HTML 52Page - Infineon Technologies AG TLE8110ED Datasheet HTML 53Page - Infineon Technologies AG TLE8110ED Datasheet HTML 54Page - Infineon Technologies AG TLE8110ED Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Data Sheet
51
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
Figure 32
Logic Output Control Block Diagram TLE8110ED
OUT1
OUT2
OUT3
Diagn. current off = 0
Diagn. Current on = 1
DC18[0]:
IN3
PM12=1
PM12=0
PM23=0
OUT10
IN10
PM910=1
PM910=0
Logic_Output_Control_CORE10.vsd
Serial-Mode OUT1=0 = 00
AND IN/Serial-Mod0 = 11
IN-Mode = 10
Serial-Mode OUT1=1 = 01
IS1[1:0]:
IN4
OUT6
OUT7
OUT8
PM78=0
PM78=1
PM23=1
PM56=0
PM56=1
IS2[1:0]
IS1[1:0]
CH5
CH9
IN1
OUT1
IN2
OUT2
11
10
0x
11
10
0x
OUT
10
11
10
0x
IS10[1:0]


Similar Part No. - TLE8110ED

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
TLE8110EE INFINEON-TLE8110EE Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
More results

Similar Description - TLE8110ED

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8108EM INFINEON-TLE8108EM Datasheet
1Mb / 30P
   Smart 8-Channel Low Side Relay Driver with SPI Interface
Rev. 1.0, 2011-03-23
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
[Old version datasheet]   TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
[Old version datasheet]   TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com