Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTT6050-2ERA Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # BTT6050-2ERA
Description  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 40Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 41Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 42Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 43Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 44Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 45Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 46Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 47Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Datasheet
44
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Characterization Results
9.4.3
Sense Signal Saturation Voltage
P_7.5.6
Figure 47 Sense Signal Saturation Voltage VS- VIS(RANGE) = f(TJ;VS)
9.4.4
Sense Signal maximum Current
P_7.5.7
Figure 48 Sense Signal Maximum Current in Fault Condition IIS(FAULT) = f(TJ;VS)
1,8
2
2,2
2,4
2,6
2,8
3
1
1,2
1,4
1,6
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature T
J (°C)
18
22
26
30
34
38
8V
28V
36V
6
10
14
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature T
J (°C)


Similar Part No. - BTT6050-2ERA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Similar Description - BTT6050-2ERA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com