Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7200-2EPA Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # BTS7200-2EPA
Description  PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7200-2EPA Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button BTS7200-2EPA Datasheet HTML 53Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 54Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 55Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 56Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 57Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 58Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 59Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 60Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 61Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 61 / 61 page
background image
Trademarks
All referenced product or service names and trademarks are the property of their respective owners.
Edition 2019-10-15
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2019 Infineon Technologies AG.
All Rights Reserved.
Do you have a question about any
aspect of this document?
Email: erratum@infineon.com
Document reference
Z8F65710361
IMPORTANT NOTICE
The information given in this document shall in no
event be regarded as a guarantee of conditions or
characteristics ("Beschaffenheitsgarantie").
With respect to any examples, hints or any typical
values stated herein and/or any information regarding
the application of the product, Infineon Technologies
hereby disclaims any and all warranties and liabilities
of any kind, including without limitation warranties of
non-infringement of intellectual property rights of any
third party.
In addition, any information given in this document is
subject to customer's compliance with its obligations
stated in this document and any applicable legal
requirements, norms and standards concerning
customer's products and any use of the product of
Infineon Technologies in customer's applications.
The data contained in this document is exclusively
intended for technically trained staff. It is the
responsibility of customer's technical departments to
evaluate the suitability of the product for the intended
application and the completeness of the product
information given in this document with respect to
such application.
For further information on technology, delivery terms
and conditions and prices, please contact the nearest
Infineon Technologies Office (www.infineon.com).
WARNINGS
Due to technical requirements products may contain
dangerous substances. For information on the types
in question please contact your nearest Infineon
Technologies office.
Except as otherwise explicitly approved by Infineon
Technologies in a written document signed by
authorized representatives of Infineon Technologies,
Infineon Technologies’ products may not be used in
any applications where a failure of the product or any
consequences of the use thereof can reasonably be
expected to result in personal injury.
Please read the Important Notice and Warnings at the end of this document


Similar Part No. - BTS7200-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7200-2EPA INFINEON-BTS7200-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Similar Description - BTS7200-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7200-2EPC INFINEON-BTS7200-2EPC Datasheet
1Mb / 60P
   PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
BTS7008-2EPZ INFINEON-BTS7008-2EPZ Datasheet
1Mb / 61P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7080-2EPZ INFINEON-BTS7080-2EPZ Datasheet
1Mb / 61P
   PROFET??2 12V 2x 20.9 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7080-2EPA INFINEON-BTS7080-2EPA Datasheet
1Mb / 62P
   PROFET??2 12V 2x 80 m廓 Smart High-Side Power Switch
Rev. 1.06 2019-10-30
BTS7010-2EPA INFINEON-BTS7010-2EPA Datasheet
1Mb / 62P
   PROFET??2 12V 2x 10 m廓 Smart High-Side Power Switch
Rev. 1.05 2019-10-15
BTS7012-2EPA INFINEON-BTS7012-2EPA Datasheet
1Mb / 62P
   PROFET??2 12V 2x 12 m廓 Smart High-Side Power Switch
Rev. 1.06 2019-10-30
BTS7030-2EPA INFINEON-BTS7030-2EPA Datasheet
1Mb / 62P
   PROFET??2 12V 2x 30 m廓 Smart High-Side Power Switch
Rev. 1.05 2019-10-15
BTS7120-2EPA INFINEON-BTS7120-2EPA Datasheet
1Mb / 61P
   PROFET??2 12V 2x 120 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com