Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT-205U Datasheet(PDF) 1 Page - Kemet Corporation

Part # GT-205U
Description  KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

GT-205U Datasheet(HTML) 1 Page - Kemet Corporation

  GT-205U Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: GT-205U
KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
Dimensions
L
70mm NOM
W
53mm MAX
H
29mm MAX
Lead
Screw Terminals
Packaging Specifications
Packaging: Tray, Box
Packaging Quantity: 10
Weight: 170 g
General Information
Series: GT
Style: Metal Box
Description: Noise Filters
RoHS: Yes
Qualifications: UL, CSA, TUV
Miscellaneous: 35 K Self-Temperature Rise Max.
Lead: Screw Terminals
Specifications
Voltage AC: 250 VAC
Ripple Current: 5 A (AC/DC)
Temperature Range: -25/+55°C
Voltage:
250 VDC, 1500 VAC
Withstanding Voltage 1 Min. Line
to Ground
Leakage Current: 0.5 mA MAX (250 V 60 Hz)
Resistance: 300 MOhms MIN Insulation 500
VDC 1 Min. Line To Ground
© 2006 - 2020 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/22/2020 - 855dd4fd-2c72-4157-be0a-3daab51f2b2d


Similar Part No. - GT-205U

ManufacturerPart #DatasheetDescription
logo
NEC
GT-205U NEC-GT-205U Datasheet
3Mb / 51P
   Noise Filters
More results

Similar Description - GT-205U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
GT-20501V KEMET-GT-20501V Datasheet
78Kb / 1P
   KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
GT-205J KEMET-GT-205J Datasheet
93Kb / 1P
   KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
GT-210J KEMET-GT-210J Datasheet
83Kb / 1P
   KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 10 A
GT-215J KEMET-GT-215J Datasheet
83Kb / 1P
   KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
LF-305 KEMET-LF-305 Datasheet
81Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
GF-205U KEMET-GF-205U Datasheet
87Kb / 1P
   KEMET, GF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
GF-205E KEMET-GF-205E Datasheet
90Kb / 1P
   KEMET, GF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
LF-260N KEMET-LF-260N Datasheet
110Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 60 A
MA-2043 KEMET-MA-2043 Datasheet
91Kb / 1P
   KEMET, MA, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 4 A
VC-215F3V KEMET-VC-215F3V Datasheet
78Kb / 1P
   KEMET, VC, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com