Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEVUZ-50-25-P-A Datasheet(PDF) 1 Page - Festo Corporation.

Part # AEVUZ-50-25-P-A
Description  Compact air cylinder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

AEVUZ-50-25-P-A Datasheet(HTML) 1 Page - Festo Corporation.

  AEVUZ-50-25-P-A Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
AEVUZ-50-25-P-A
Part number: 157239
Data sheet
Feature
Value
Stroke
25 mm
Piston diameter
50 mm
Type code
AEVUZ
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Pulling
Single-acting
Piston rod end
Internal thread
Design
Piston
Piston rod
Position sensing
For proximity sensor
Symbol
00991204
Variants
Piston rod at one end
Operating pressure
0.8 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.64 J
Theoretical force at 6 bar, advancing
999 N
Moving mass at 0 mm stroke
112 g
Additional weight per 10 mm stroke
72 g
Basic weight with 0 mm stroke
560 g
Additional moving mass per 10 mm stroke
16 g
Type of mounting
With through-hole
With accessories
Optionally:
Pneumatic connection
G1/8
Flange screws material
Steel, galvanized
Cover material
Wrought aluminum alloy
Material of dynamic seals
TPE-U(PU)
NBR
Piston rod material
High-alloy steel
Material of cylinder barrel
Wrought aluminum alloy
7/23/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - AEVUZ-50-25-P-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
AEVUZ-50-25-A-P-A FESTO-AEVUZ-50-25-A-P-A Datasheet
97Kb / 1P
   Compact air cylinder
More results

Similar Description - AEVUZ-50-25-P-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
   Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
   Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
   Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
   Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
   Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
   Compact air cylinder
11/30/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
   Compact air cylinder
12/2/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
   Compact air cylinder
11/30/21
8091446 FESTO-8091446 Datasheet
93Kb / 1P
   Compact air cylinder
12/2/21
8091448 FESTO-8091448 Datasheet
92Kb / 1P
   Compact air cylinder
12/2/21
8092108 FESTO-8092108 Datasheet
92Kb / 1P
   Compact air cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com