Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPESD4114-563 Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part No. TPESD4114-563
Description  Low Capacitance TVS Diod
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Homepage  www.sot23.com.tw
Logo 

TPESD4114-563 Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PROTECTION PRODUCTS
Absolute Maximum Rating
WWW.TECHPUBLIC.COM.TW
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
120
W
Peak Pulse Current (8/20µs)
IPP
5
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±25
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
5
V
Any I/O pin to ground
Breakdown Voltage
VBR
6
V
IT = 1mA, any I/O pin to ground
Reverse Leakage Current
IR
0.5
µA
VRWM = 5V, any I/O pin to ground
Clamping Voltage
VC
15
V
IPP = 1A (8 x 20µs pulse), any I/O
pin to ground
Junction Capacitance
CJ
0.7
pF
VR = 0V, f = 1MHz, any I/O pin to
ground
Junction Capacitance
CJ
0.3
0.45
pF
VR = 0V, f = 1MHz, between I/O
pins
Clamping Voltage
VC
20
V
IPP = 5A (8 x 20µs pulse), any I/O
pin to ground
TPESD4114-563
Low Capacitance TVS Diod
www.sot23.com.tw


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn