Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPESD1521P Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part No. TPESD1521P
Description  Bi -directional TVS Diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Homepage  www.sot23.com.tw
Logo 

TPESD1521P Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
Electrical Characteristics
(Tamb=25°C unless otherwise specified)
(TA=25°C unless otherwise specified)
WWW.TECHPUBLIC.COM.TW
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f15
f 8
KV
Peak Pulse Power (8/20us)
W
VESD
Ppk
Symbol
Parameter
VRWM
Nominal Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Reverse Breakdown Voltage @ IT
IT
Test Current for Reverse Breakdown
VC
Clamping Voltage @ IPP
IPP
Maximum Peak Pulse Current
CESD
Parasitic Capacitance
VR
Reverse Voltage
f
Small Signal Frequency
V
I
VRWM
VBR
VC
IPP
IR
IT
VRWM VBR VC
IPP
IR
IT
Bi-Directional TVS
50
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
16
V
Breakdown Voltage
VBR
18
24
V
IT = 1mA
Reverse Leakage Current
IR
uA
VRWM = 16V
Clamping Voltage
VC
28
V
IPP = 1A (8 x 20µs pulse)
Junction Capacitance
CJ
0.35
pF
VR = 0V, f = 1MHz
TPESD1521P
Bi -directional TVS Diode
www.sot23.com.tw
0.5
0.5


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn