Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1582 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1582
Description  3A Dual Input Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1582 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1582 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1582 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS1582 series
2-2
2003/12 rev. A
Absolute Maximum Rating
Input Supply Voltage
V power
V control
Vpower
Vcontrol
7
13
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220-5L / TO-263-5L Package
10
S
Electrical Characteristics
Tj=+25°C, Ccontrol=Cpower=Cout=10uF unless Specified
Parameter
Conditions
Min
Typ
Max
Unit
VCONTROL = 4.5V, VPOWER = 2.05V, IO = 10mA
1.238
1.262
Reference Voltage
(Adj. Voltage Versions)
VCONTROL = 4.5V, VPOWER = 2.05V,
IO = 10mA to 3A
1.230
1.250
1.270
V
VCONTROL = 5V, VPOWER =VOUT+0.8V,IO=10mA
-1.0
+1.0
Output Voltage
(Fixed Voltage Versions)
VCONTROL = 5V, VPOWER = VOUT+0.8V,
IO = 10mA to 3A
-1.6
VOUT
+1.6
%
Line Regulation
VCONTROL = (Vout+1.5V) to 12V,
VPOWER = (VOUT+0.8V) to 5.5V, IO = 10mA
0.04
0.2
%
Load Regulation
VCONTROL = (Vout+2.5V),
VPOWER = (VOUT+0.8V), IO = 10mA to 3A
0.08
0.4
%
Mini. Load Current (Note 2)
VCONTROL=5V, VPOWER= 3.3V, VADJ=0V
5
10
mA
Control Pin Current (Note 3)
VCONTROL = (VOUT+2.5V),
VPOWER = (VOUT+0.8V), IO = 10mA to 3A
80
135
mA
Adjust Pin Current
VCONTROL = 2.75V, VPOWER = 2.05, VADJ = 0V,
IO = 10mA
50
120
uA
Current Limit
VPOWER - VOUT = 3V
3.5
4.2
A
Ripple Rejection
VCONTROL = VPOWER = 5V, VRIPPLE = 1V,
IO = 2.5A, f = 120kHz
60
80
dB
Thermal Regulation
30mS pulse
0.003
%/W
Dropout Voltage (Note 4)
VCONTROL = (Vout+2.5V), IO = 3A
0.55
0.70
V
Note1: VOUT = VSENSE, VADJ = 0V unless otherwise specified.
Note2: For the adjustable device the minimum load current is the minimum current required to maintain regulation,
normally the current in the resistor divider used to set the output voltage is selected to meet the minimum load
current requirement.
Note3: The control pin current is the drive current required for the output transistor, this current will track output current
with a ratio of about 1:100
Note4: If the same voltage is input to both VPOWER and VCONTROL, then the dropout voltage will become 1.3V maximum,
and minimum input/output voltage required to maintain 1% regulation.


Similar Part No. - TS1582

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1582CM5RN TSC-TS1582CM5RN Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1582CM5XXRN TSC-TS1582CM5XXRN Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1582CZ5C0 TSC-TS1582CZ5C0 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1582CZ5XXC0 TSC-TS1582CZ5XXC0 Datasheet
432Kb / 9P
   3A Dual Input LDO
More results

Similar Description - TS1582

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com