Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS79L09CY Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS79L09CY
Description  3-Terminal Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L09CY Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS79L09CY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L09CY Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS79L00 series
1-8
2003/12 rev. D
TS79L00 series
3-Terminal Low Current Negative Voltage Regulator
Voltage Range - 5V to - 24V
Output Current up to 100mA
General Description
The TS79L00 Series of negative voltage regulators are inexpensive, easy-to-use devices suitable for a multitude of
applications that require a regulated supply of up to 100mA. Like their higher power TS7900 and TS79M00 Series
cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No
external components are required with the TS79L00 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output
impedance and quiescent current are substantially reduced.
This series is offered in 3-pin TO-92, SOT-89 and 8-pin SOP-8 package.
Features
Output current up to 100mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Note: Where xx denotes voltage option.
Part No.
Operating Temp.
(Ambient)
Package
TS79LxxCT
TO-92
TS79LxxCY
SOT-89
TS79LxxCS
-20 ~ +85
oC
SOP-8
Standard Application
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Pin Assignment
Pin No.
TS79L00CT
TS79L00CY
TS79L00CS
Pin
Description
3
3
1
Output
2
2
2, 3, 6, 7
Input
1
1
5
Ground
4, 8
Non connected


Similar Part No. - TS79L09CY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L09CTA3 TSC-TS79L09CTA3 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L09CTB0 TSC-TS79L09CTB0 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
More results

Similar Description - TS79L09CY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com