Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS79M15CZ Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS79M15CZ
Description  3-Terminal Medium Current Negative Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M15CZ Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS79M15CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79M15CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M15CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M15CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M15CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M15CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M15CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS79M00 series
4-7
2003/12 rev. A
TS79M12 Electrical Characteristics
(Vin= -19V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 11.53
- 12
- 12.48
Output Voltage
Vout
-14.5V
≤Vin≤ -27V,
5mA
≤Iout≤350mA, PD ≤5W
- 11.42
- 12
- 12.60
V
Line Regulation
REGline
Tj=25
oC
-14.5V
≤Vin≤ -30V,
Io=200mA
--
8
50
mV
5mA
≤Iout≤500mA
--
25
240
Load Regulation
REGload
Tj=25
oC
0mA
≤Iout≤200mA
--
10
120
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4
8
-14.5V
≤Vin≤ -30V
--
--
0.5
Quiescent Current Change
∆Iq
5mA
≤Iout≤200mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
70
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -15V
≤Vin≤ -25V
54
60
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.8
--
mV/
oC
TS79M15 Electrical Characteristics
(Vin= -23V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 14.42
- 15
- 15.60
Output Voltage
Vout
-17.5V
≤Vin≤ -30V,
5mA
≤Iout≤350mA, PD ≤5W
- 14.28
- 15
- 15.75
V
Line Regulation
REGline
Tj=25
oC
-17.5V
≤Vin≤ -30V,
Io=200mA
--
8
50
mV
5mA
≤Iout≤500mA
--
25
300
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
150
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
5
8
-17.5V
≤Vin≤ -30V
--
--
0.5
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
90
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -18V
≤Vin≤ -28V
54
60
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-1.0
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS79M15CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M12CPRO TSC-TS79M12CPRO Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M18ACPRO TSC-TS79M18ACPRO Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
TS79M18ACZC0 TSC-TS79M18ACZC0 Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
More results

Similar Description - TS79M15CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
   MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
140Kb / 8P
   3-Terminal Low Current Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com