Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1082CZ Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS1082CZ
Description  10 Amp Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1082CZ Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1082CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1082CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1082CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1082CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1082CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1082CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
H
G
B
A
K
D
C
E
F
J
L
I
M
N
P
O
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.24
4.44
0.128
0.175
C
2.44
2.94
0.096
0.116
D
3.565
4.315
0.140
0.170
E
0.68
0.92
0.027
0.036
F
1.115
1.485
0.044
0.058
G
2.345
2.715
0.092
0.107
H
13.49
14.31
0.531
0.563
I
4.475
5.225
0.176
0.206
J
1.15
1.39
0.045
0.055
K
27.78
29.62
1.094
1.166
L
2.175
2.925
0.086
0.115
M
0.297
0.477
0.012
0.019
N
8.28
8.80
0.326
0.346
O
14.29
15.31
0.563
0.603
P
6.01
6.51
0.273
0.256
TO-220 DIMENSION
DIM
MILLIMETERS
INCHES
TO-220 Unit:mm


Similar Part No. - TS1082CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
TS1083CZ TSC-TS1083CZ Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
TS1083CZ TSC-TS1083CZ Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
TS1083CZ-2.5 TSC-TS1083CZ-2.5 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
TS1083CZ-3.3 TSC-TS1083CZ-3.3 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1082CZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ1082 ETC-PJ1082 Datasheet
278Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1585D SEMTECH-EZ1585D Datasheet
90Kb / 4P
   6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com