Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS823 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part No. TS823
Description  Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

TS823 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS823/824/825
4-6
2003/12 rev. A
Detail Description (continued)
Watchdog Input Current
The watchdog input pin (WDI) typically sources/sinks
8uA when driven high or low. So from a power
dissipation point of view the duty cycle of the waveform
at WDI is unimportant. When the WDI pin is floating or
tri-stated the power supply current fall to less than 3uA.
Glitch Rejection
The TS823/824/825 family will reject negative going
transients on the Vdd line to some extent. The smaller
the duration of the transient the larger its amplitude may
be without triggering a reset. The “Glitch Rejection”
chart in the graphs section of this datasheet shows the
relation between glitch amplitude and allowable glitch
duration to avoid unintended resets.
Accurate Output State at Low Vdd
With Vdd voltage on the order of the MOS transistor
threshold (<1V) the outputs of the TS823/824/825 may
become undefined. For parts with active low output
RESET a resistor placed between RESET and Gnd on
the order of 100KΩ will ensure that the RESET output
stays low when Vdd is lower than the threshold voltage
of the part. In a like manner a resistor on the order of
100KΩ when placed between (RESET) and Vdd will
ensure parts with active high output (RESET) will remain
high when Vdd is lower than the threshold voltage of the
parts.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn