Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F128J3C-115 Datasheet(PDF) 8 Page - Intel Corporation

Part # PC28F128J3C-115
Description  Intel StrataFlash Memory (J3)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC28F128J3C-115 Datasheet(HTML) 8 Page - Intel Corporation

Back Button PC28F128J3C-115 Datasheet HTML 4Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 5Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 6Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 7Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 8Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 9Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 10Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 11Page - Intel Corporation PC28F128J3C-115 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
256-Mbit J3 (x8/x16)
8
Datasheet
2.0
Functional Overview
The Intel StrataFlash® memory family contains high-density memories organized as 32 Mbytes or
16Mwords (256-Mbit, available on the 0.18µm lithography process only), 16 Mbytes or 8 Mwords
(128-Mbit), 8 Mbytes or 4 Mwords (64-Mbit), and 4 Mbytes or 2 Mwords (32-Mbit). These
devices can be accessed as 8- or 16-bit words. The 128-Mbit device is organized as one-hundred-
twenty-eight 128-Kbyte (131,072 bytes) erase blocks. The 64-Mbit device is organized as sixty-
four 128-Kbyte erase blocks while the 32-Mbit device contains thirty-two 128-Kbyte erase blocks.
A 128-bit Protection Register has multiple uses, including unique flash device identification.
The device’s optimized architecture and interface dramatically increases read performance by
supporting page-mode reads. This read mode is ideal for non-clock memory systems.
A Common Flash Interface (CFI) permits software algorithms to be used for entire families of
devices. This allows device-independent, JEDEC ID-independent, and forward- and backward-
compatible software support for the specified flash device families. Flash vendors can standardize
their existing interfaces for long-term compatibility.
Scalable Command Set (SCS) allows a single, simple software driver in all host systems to work
with all SCS-compliant flash memory devices, independent of system-level packaging (e.g.,
memory card, SIMM, or direct-to-board placement). Additionally, SCS provides the highest
system/device data transfer rates and minimizes device and system-level implementation costs.
A Command User Interface (CUI) serves as the interface between the system processor and
internal operation of the device. A valid command sequence written to the CUI initiates device
automation. An internal Write State Machine (WSM) automatically executes the algorithms and
timings necessary for block erase, program, and lock-bit configuration operations.
A block erase operation erases one of the device’s 128-Kbyte blocks typically within one second—
independent of other blocks. Each block can be independently erased 100,000 times. Block erase
suspend mode allows system software to suspend block erase to read or program data from any
other block. Similarly, program suspend allows system software to suspend programming (byte/
word program and write-to-buffer operations) to read data or execute code from any other block
that is not being suspended.
Each device incorporates a Write Buffer of 32 bytes (16 words) to allow optimum programming
performance. By using the Write Buffer, data is programmed in buffer increments. This feature can
improve system program performance more than 20 times over non-Write Buffer writes.
Blocks are selectively and individually lockable in-system.Individual block locking uses block
lock-bits to lock and unlock blocks. Block lock-bits gate block erase and program operations.
Lock-bit configuration operations set and clear lock-bits (Set Block Lock-Bit and Clear Block
Lock-Bits commands).
The Status Register indicates when the WSM’s block erase, program, or lock-bit configuration
operation is finished.
The STS (STATUS) output gives an additional indicator of WSM activity by providing both a
hardware signal of status (versus software polling) and status masking (interrupt masking for
background block erase, for example). Status indication using STS minimizes both CPU overhead
and system power consumption. When configured in level mode (default mode), it acts as a RY/
BY# signal. When low, STS indicates that the WSM is performing a block erase, program, or lock-
bit configuration. STS-high indicates that the WSM is ready for a new command, block erase is


Similar Part No. - PC28F128J3C-115

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PC28F128J3C120 INTEL-PC28F128J3C120 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
More results

Similar Description - PC28F128J3C-115

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
White Electronic Design...
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com