Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7200-4EPA Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # BTS7200-4EPA
Description  Smart High-Side Power Switch
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7200-4EPA Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button BTS7200-4EPA Datasheet HTML 42Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 43Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 44Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 45Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 46Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 48Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 49Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Data Sheet
46
Rev. 1.00
2020-02-24
BTS7200-4EPA
PROFET™+2 12V
Diagnosis
Figure 35 adds the behavior of SENSE signal to the timing diagram seen in Figure 28, while Figure 36 shows
the relation between IIS = IL / kILIS, IIS(SAT) and IIS(FAULT).
Figure 35 SENSE behavior in Fault condition
Figure 36 SENSE behavior - overview
9.3
Diagnosis in OFF state
When a power output stage is in OFF state, the BTS7200-4EPA can measure the output voltage and compare
it with a threshold voltage. In this way, using some additional external components (a pull-down resistor and
a switchable pull-up current source), it is possible to detect if the load is missing or if there is a short circuit to
battery. If a Fault condition was detected by the device (the internal counter has a value different from the
reset value, as described in Chapter 9.2.2) a current IIS(FAULT) is provided by IS pin each time the channel
diagnosis is checked also in OFF state.
t
IN
tRETRY
Short circuit
to ground
IL
0
1
nRETRY(CR)
Internal
counter
nRETRY(CR) + nRETRY(NT)
nRETRY(CR) + (nRETRY(CYC) * nRETRY(NT))
tDELAY(CR)
tRETRY
0
nRETRY(CR)
nRETRY(NT)
"retry" cycle
nRETRY(NT)
t
t
t
Diagnosis_PROFET_IISFAULT.emf
t
DEN
t
IIS
IIS(FAULT)
IIS(FAULT)
IL / kILIS
nRETRY(CYC)
IIS(FAULT)
Diagnosis_PROFET_IISFAULT_IISSAT.emf
IIS
IL
IIS(SAT)
IIS(FAUL T)
IL / kILIS
IIS(SAT),min =
IIS(FAUL T),min
IIS(FAUL T),max
IIS(SAT),max
IL(OVL)


Similar Part No. - BTS7200-4EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7200-4EPA INFINEON-BTS7200-4EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Similar Description - BTS7200-4EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com