Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7200-4EPA Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # BTS7200-4EPA
Description  Smart High-Side Power Switch
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7200-4EPA Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button BTS7200-4EPA Datasheet HTML 40Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 41Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 42Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 43Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 44Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 45Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 46Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7200-4EPA Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Data Sheet
44
Rev. 1.00
2020-02-24
BTS7200-4EPA
PROFET™+2 12V
Diagnosis
9.2
Diagnosis in ON state
A current proportional to the load current (ratio kILIS = IL / IIS) is provided at pin IS when the following conditions
are fulfilled:
• The power output stage is switched ON with VDS < VDS(OLOFF)
• The diagnosis is enabled for that channel
• No fault (as described in Chapter 8.3) is present or was present and not cleared yet (see Chapter 9.2.2 for
further details)
If a “hard” failure mode is present or was present and not cleared yet a current IIS(FAULT) is provided at IS pin.
9.2.1
Current Sense (kILIS)
The accuracy of the sense current depends on temperature and load current. IIS increases linearly with IL
output current until it reaches the saturation current IIS(SAT). In case of Open Load at the output stage (IL close
to 0 A), the maximum sense current IIS(EN) (no load, diagnosis enabled) is specified. This condition is shown in
Figure 33. The blue line represents the ideal kILIS line, while the red lines show the behavior of a typical
product.
An external RC filter between IS pin and microcontroller ADC input pin is recommended to reduce signal ripple
and oscillations (a minimum time constant of 1 µs for the RC filter is recommended).
The kILIS factor is specified with limits that take into account effects due to temperature, supply voltage and
manufacturing process. Tighter limits are possible (within a defined current window) with calibration:
• A well-defined and precise current (IL(CAL)) is applied at the output during End of Line test at customer side
• The corresponding current at IS pin is measured and the kILIS is calculated (kILIS @ IL(CAL))
• Within the current range going from IL(CAL)_L to IL(CAL)_H the kILIS is equal to kILIS @ IL(CAL) with limits defined by
ΔkILIS
The derating of kILIS after calibration is calculated using the formulas in Figure 32 and it is specified by ΔkILIS
Figure 32 ΔkILIS calculation formulas
The calibration is intended to be performed at TA(CAL) = 25°C. The parameter ΔkILIS includes the drift
overtemperature as well as the drift over the current range from IL(CAL)_L to IL(CAL)_H.
Diagnosis_dKILIS.emf


Similar Part No. - BTS7200-4EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7200-4EPA INFINEON-BTS7200-4EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Similar Description - BTS7200-4EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com