Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT2181B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THAT2181B
Description  Trimmable IC Voltage Controlled Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT2181B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THAT2181B Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT2181B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
600030 Rev 01
Page 3
Electrical Characteristics (Cont'd.)
2181A
2181B
2181C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Total Harmonic Distortion
THD
1 kHz
VIN = 0 dBV, 0 dB gain
— 0.0025 0.005
0.004 0.008
0.005
0.02
%
VIN = +10 dBV, -15 dB gain
0.018 0.025
0.025 0.035
0.035
0.07
%
VIN = -5 dBV, +15 dB gain
0.018 0.025
0.025 0.035
0.035
0.07
%
VIN = +10 dBV, 0 dB gain
0.004 0.008
0.006 0.010
.0015
%
Slew Rate
Rin =Rout =20k
W
—12
—12
—12
V/
ms
Symmetry Control Voltage VSYM
AV = 0 dB, Minimum THD
-0.5
+0.5
-1.5
+1.5
-2.5
+2.5
mV
Gain at 0 V Control Voltage
EC- = 0 mV
-0.1
0.0
+0.1
-0.15
0.0
+0.15
-0.2
0.0
+0.2
dB
Figure 3. 2181 Series Frequency Response Vs. Gain
Figure 4. 2181 Series Noise (20kHz NBW) Vs. Gain
Vcc
Ec-
IN
10u
20k
5.1k
Vee
OUT
22p
20k
OUT
Vcc
Vee
50k
SYM
ADJ
Rsym
OP275
7
3
8
4
2
6
5
1
V+
-IN
Ec-
Ec+
SYM
GND
V-
2181
Series
VCA
Power Supplies
Vcc = +15 V
Vee=-15 V
-
+
680k (2181A)
220k (2181B)
130k (2181C)
Figure 2. Typical Application Circuit


Similar Part No. - THAT2181B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180B ETC1-THAT2180B Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180C ETC1-THAT2180C Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
More results

Similar Description - THAT2181B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
   IC Voltage-Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com