Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAF1030 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAF1030
Description  Isolation 10.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAF1030 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAF1030 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAF1030 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 138 -
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
2
PIN 1
PIN 2
Case Positive
CASE
SRAF1020 THRU SRAF1090
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
20 to 90 Volts
Current
10.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Lead solderable per MIL-STD-202,
Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
OC/10 seconds/ .25”,(6.35mm) from
case.
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
ITO-220AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRAF
1020
SRAF
1030
SRAF
1040
SRAF
1050
SRAF
1060
SRAF
1090
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
V
Maximum Average Forward Rectified Current
@Tc=110
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
10.0A
VF
0.55
0.70
0.75
V
Maximum D.C. Reverse Current @ Tc=25
at Rated DC Blocking Voltage
@ Tc=100
IR
1.0
50
mA
mA
Typical Thermal Resistance (Note 1)
R
θJC
4.0
℃/W
Typical Junction Capacitance (Note 2)
Cj
420
280
165
pF
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Thermal Resistance from Junction to Case Per Leg
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.


Similar Part No. - SRAF1030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF1030 TSC-SRAF1030 Datasheet
258Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1030 TSC-SRAF1030 Datasheet
613Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1030 TSC-SRAF1030 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SRAF1030 MOSPEC-SRAF1030 Datasheet
195Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - SRAF1030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1035 TSC-MBRF1035 Datasheet
83Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020 Datasheet
111Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_1 Datasheet
180Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com