Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAD330 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAD330
Description  3.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAD330 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAD330 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAD330 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 101 -
RATINGS AND CHARACTERISTIC CURVES (SRAD320 THRU SRAD360)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
80
100
160
130
120
110
90
1K
0
1
2
3
100
V REVERSE VOLTAGE. (VOLTS)
R
Tj=125 C
25 C
0
Tj=25 C
0
4
140
150
CASE TEMPERATURE. ( C)
o
700
500
300
200
100
70
50
30
20
10
30
20
10
040
50
60
70
100 C
0
125 C
0
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER LEG
40
20
10
4
2
1
0.4
0.2
0.1
0.04
0.02
0.01
0.004
0.002
0.001
120
100
80
60
40
20
0
PERCENT OF RATED PEAK REVERSE VOLTAGE.
FIG.2- TYPICAL JUNCTION CAPACITANCE PER LEG
FIG.4- TYPICAL FORWARD CHARACTERISTICS
PER LEG
.2
.3
.4
.5
.6
.7
.8
.9
1.0
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
SRAD320-SRAD340
SRAD
350-SRA
D360
Tj=25oC
Pulse Width=300 s
1% Duty Cycle


Similar Part No. - SRAD330

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAD820 TSC-SRAD820 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAD830 TSC-SRAD830 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAD840 TSC-SRAD840 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAD850 TSC-SRAD850 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAD860 TSC-SRAD860 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRAD330

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302 Datasheet
66Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_1 Datasheet
164Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_09 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_1 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR320 YANGJIE-SR320 Datasheet
694Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
245Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR302 JGD-SR302 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302_10 Datasheet
194Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_10 Datasheet
397Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com