Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1650PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR1650PT
Description  16.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1650PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR1650PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1650PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 170 -
SR1620PT THRU SR1660PT
16.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
20 to 60 Volts
Current
16.0 Amperes
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory Flammability
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge capability
Epitaxial construction
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for transient protection
High temperature soldering guaranteed:
260
oC/10 seconds, 0.17”(4.3mm)lead lengths at 5 lbs.,
(2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Leads solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
TO-3P/TO-247AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SR
1620PT
SR
1630PT
SR
1640PT
SR
1650PT
SR
1660PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
(See Fig. 1)
I(AV)
16
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage @ 8.0A
(Note 3)
VF
0.55
0.70
V
Maximum D.C. Reverse Current @ Tc=25
at Rated DC Blocking Voltage
@ Tc=100
IR
0.5
50
mA
mA
Typical Thermal Resistance Per Leg (Note 1)
R
θJC
3.0
℃/W
Typical Junction Capacitance (Note 2)
Cj
700
400
pF
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Thermal Resistance from Junction to Case Per Leg, Mount on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
3. 300 us Pulse Width, 2% Duty Cycle


Similar Part No. - SR1650PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1650PT TSC-SR1650PT Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1650PT TSC-SR1650PT Datasheet
620Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1650PT TSC-SR1650PT Datasheet
215Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SR1650PT HORNBY-SR1650PT Datasheet
283Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1650PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_1 Datasheet
218Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_1 Datasheet
179Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_10 Datasheet
609Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com