Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC1005
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC1005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC1005 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Code
Designation
Type
L
W
H
I1
I2
RC1005(1/16W )
RC1608(1/10W)
RC2012( 1/8W )
RC3216( 1/4W)
RC3225( 1/4W )
RC5025( 1/2W )
RC6432( 1W )
1.00
±0.05
1.60
±0.10
2.00
±0.20
3.20
±0.20
3.20
±0.20
5.00
±0.15
6.30
±0.15
0.50
±0.05
0.80
±0.15
1.25
±0.15
1.60
±0.15
2.55
±0.20
2.50
±0.15
3.20
±0.15
0.35
±0.05
0.45
±0.10
0.50
±0.10
0.55
±0.10
0.55
±0.10
0.55
±0.15
0.55
±0.15
0.20
±0.10
0.30
±0.20
0.40
±0.20
0.45
±0.20
0.45
±0.20
0.60
±0.20
0.60
±0.20
0.25
±0.10
0.35
±0.10
0.35
±0.20
0.40
±0.20
0.40
±0.20
0.60
±0.20
0.60
±0.20
STRUTURE AND DIMENSIONS
PARTS NUMBERING SYSTEM
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
Glass Coating
Alumina Substrate
Special Plating
H
L
W
l 2
l 2
l 1
l 1
Thick-Film Electrode
RuO2 Type Resistor
Chip
Resistor
-RC
:Glass Coating
-RH
:Polymer Epoxy
Coating
RC
1
Dimension
(mm)
1005 : 1.0
×0.5
1608 : 1.6
×0.8
2012 : 2.0
×1.25
3216 : 3.2
×1.6
3225 : 3.2
×2.55
5025 : 5.0
×2.5
6432 : 6.4
×3.2
2012
2
Resistance
Tolerance
D :
±0.5%
F :
±1%
G :
± 2%
J :
± 5%
K :
±10%
J
3
Resistance Value Marking
3 or 4 digit coding system.
(IEC Coding System)
Resistance Value
1st two digits represents
Significant figures.
The last digit represents
the number of zeros.
Jumper chip is
represented as 000
100
4
Packaging Code
AS : Tape
Packaging. 13
CS: Tape
Packaging. 7
ES : Tape
Packaging. 10
BS :Bulk
Packaging.
CS
5
(UNIT : mm)
4


Similar Part No. - RC1005

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1005 SAMSUNG-RC1005 Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1005 SAMSUNG-RC1005 Datasheet
787Kb / 2P
   Circuit for high precision resistance and reliability.
RC1005 SAMSUNG-RC1005 Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
List of Unclassifed Man...
RC1005 ETC2-RC1005 Datasheet
791Kb / 2P
   Low tolerance
logo
Samsung semiconductor
RC1005 SAMSUNG-RC1005 Datasheet
791Kb / 2P
   Owing to the reduced lead inductance, the high frequency characteristic is excellent.
More results

Similar Description - RC1005

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com