Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR51ND06-WL Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR51ND06-WL
Description  COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR51ND06-WL Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR51ND06-WL Datasheet HTML 1Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 2Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 3Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 4Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 5Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 6Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 7Page - Fujitsu Component Limited. FBR51ND06-WL Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(a)
Series Name
FBR51 : Standard type (contact gap 0.3 mm)
FBR52 : Wider contact gap type (contact gap 0.6 mm)
(b)
Enclosure
N
: Plastic sealed type
(c)
Nominal Voltage
D06
: 6 VDC
D09
: 9 VDC
D10
: 10 VDC
D12
: 12 VDC
(d)
Contact Material
W
: Silver-tin oxide indium
W1
: Silver-tin oxide indium (high power type)
WL
: Silver-tin oxide indium (1 lamp loads, see applications table)
(e)
Custom Designation
To be assigned custom specification
s FEATURES
q
Compact and lightweight structure
(42% of the volume of the FBR160 relay)
q
High current contact capacity
(carrying current: 35 A/10 minutes, 25 A/1 hour)
q
High resistance to vibration and shock
q
Improved heat resistance and extended operation range
q
Two contact gap options
(FBR51: 0.3 mm, FBR52: 0.6 mm)
q
Three types of contact material
s ORDERING INFORMATION
FBR51, 52 SERIES
COMPACT POWER RELAY
1 POLE—25A
(FOR AUTOMOTIVE APPLICATIONS)
FBR51
N
D12
W
**
[Example]
(a)
(b)
(c)
(d)
(e)
1


Similar Part No. - FBR51ND06-WL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51ND06-WL FUJITSU-FBR51ND06-WL Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR51ND06-WL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com