Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SK12B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. SK12B
Description  1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK12B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK12B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK12B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 66 -
.082(2.08)
.076(1.93)
.012(.31)
.006(.15)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.147(3.73)
.137(3.48)
.187(4.75)
.167(4.25)
.103(2.61)
.078(1.99)
.208(5.28)
.200(5.08)
SK12B THRU SK110B
1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
1.0 Amperes
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-O
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.093 gram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK
12B
SK
13B
SK
14B
SK
15B
SK
16B
SK
110B
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
100
V
Maximum Average Forward Rectified Current
at TA=75℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.5
0.75
0.85
V
0.5
Maximum DC Reverse Current (Note 1)@ TA =25
at Rated DC Blocking Voltage
@ TA=100
IR
10.0
5.0
1.0
mA
mA
Typical Thermal Resistance ( Note 1 )
R
θJL
25
℃/W
Typical Junction Capacitance (Note 2)
Cj
110
pF
Operating Temperature Range
TJ
-55 to +125
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes
: 1. Thermal Resistance from Junction to Lead.
2. Measured at 1.0 MHz and Applies Reverse Voltage of 4.0V.
3. Measured on P.C.Board with 0.4 x 0.4” (10 x 10mm) Copper Pad Areas.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SKL54C 5.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SS22L 2.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SSL22 2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SM120 1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1  2  Bytes
SSL32 3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SM120A 1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1  2  Bytes
SK22A 2.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SK24A 2.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SS12L 1.0 AMP. Surface Mount Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
SK52B 5.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1  2  Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn