Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61504FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M61504FP
Description  DIGITAL SOUND CONTROLLER WITH SURROUND
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61504FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M61504FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61504FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ELECTRIC
MITSUBISHI
M61504FP
(
/
)
17
MITSUBISHI SOUND PROCESSORS
DIGITAL SOUND CONTROLLER WITH SURROUND
2
REF IN
IN 1A
IN 1B
IN 1C
IN 1D
INVOL OUT1
VSELA IN1
VCC
BI1
BO1
MI1
MO1
TRE1
VSELB OUT1
VOL IN1
LOUD1
VOL OUT1
DATA
REC-B1/SUR2
REC-B2/SUR1
IN 2A
IN 2B
IN 2C
IN 2D
INVOL OUT2
VSELA IN2
GND
BI2
BO2
MI2
MO2
TRE2
VSELB OUT2
VOL IN2
LOUD2
VOL OUT2
CLOCK
REF OUT
VSELA OUT1
VSELA OUT2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
50k
50k
50k
50k
50k
25k
25k
REF Amp.
50k
100k
100k
100k
100k
100k
100k
100k
100k
12k
REC-B SW
REC-B SW
REC-A SW
REC-A SW
SW41
SW42
A
B
A
B
A
B
A
B
A
B
A
B
A
B
A
B
100k
100k
200k
200k
12k
9.5k
12k
9.5k
VOCAL
CUT
NC
VCUT
VCUT SW
VCUT SW
PIN CONFIGURATION AND IC INTERNAL BLOCK DIAGRAM
MAIN VOLUME 2
-18 to -80dB,-
∞dB
MAIN VOLUME 1
-18 to -80dB,-
∞dB
VOLUME
SELECT
B2
VOLUME
SELECT
B1
TONE
SELECT1
TONE
SELECT2
SURROUND
MAIN
VOLUME1
0 to -16dB
MAIN
VOLUME2
0to -16dB
VOLUME
SELECT
A2
VOLUME
SELECT
A1
D INPUT
ATT SW
D INPUT
ATT SW
INPUT
VOLUME 2
INPUT
VOLUME 1
D INPUT
ATT SW
D INPUT
ATT SW


Similar Part No. - M61504FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
More results

Similar Description - M61504FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
   Sound Controller with Surround and AGC
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
   Sound Controller With SRS Focus & SRS Surround
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com