Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTD1624 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD1624
Description  VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1624 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD1624 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1624 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014.06. 01
1/2
SEMICONDUCTOR
TECHNICAL D ATA
FTD1624
Revision No : 0
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER
VOLTAGE REGULATORS, RELAY DRIVERS
LAMP DRIVERS, ELECTRICAL EQUIPMENT
FEATURES
Adoption of MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Complementary to FTB1124.
MAXIMUM RATING (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
V CBO
60
V
Vollector-Emitter Voltage
V CEO
50
V
Emitter-Base Voltage
V EBO
6
V
Collector Current
IC
3
A
Collector Current(Pulse)
ICP
6
A
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
* : Package mounted on ceramic substrate(250mm
2
0.8t)
Electrical characteristics(Ta=25℃)
Rating
Symbol
Test condition
Min
Typ
Max
Unit
VCBO
IC=10μA
IE=0
60
V
VCEO
IC=1.0mA
IB=0
50
V
VEBO
IE=10μA
IC=0
6.0
V
ICBO
VCB=40V
IE=0
1.0
μA
IEBO
VEB=4.0V
IC=0
1.0
μA
hFE(1)
VCE=2.0V
IC=100mA
100
400
hFE(2)
VCE=2.0V
IC=3.0A
35
VCE(sat)
IC=2.0A
IB=100mA
0.19
0.5
V
VBE(sat)
IC=2.0A
IB=100mA
0.94
1.2
V
fT
VCE=10V
IC=50mA
150
MHz
Cob
VCB=10V
IE=0
f=1MHz
25
pF
ton
S
n
0
7
tstg
S
n
0
5
6
tf
101B1=-101B2=IC=1.0A
35
nS
hFE(1) Classifications、Marking:
hFE(1) Classifications
A
B
C
hFE(1) Range
100~200
140~280
200~400
Marking
YHA
YHB
YHC


Similar Part No. - FTD1624

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1601 FS-FTD1601 Datasheet
880Kb / 9P
   3A, 150KHz PWM Buck DC/DC Converter
FTD1616A FS-FTD1616A Datasheet
262Kb / 2P
   General Purpose Transistor
FTD1664 FS-FTD1664 Datasheet
345Kb / 2P
   TRANSISTOR (NPN)
FTD1664P FS-FTD1664P Datasheet
345Kb / 2P
   TRANSISTOR (NPN)
FTD1664Q FS-FTD1664Q Datasheet
345Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - FTD1624

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1347 FS-FTD1347 Datasheet
115Kb / 2P
   VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTB1124 FS-FTB1124 Datasheet
487Kb / 2P
   VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
logo
KEC(Korea Electronics)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTA1551T KEC-KTA1551T Datasheet
87Kb / 3P
   RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS APPLICATION
KTC3543T KEC-KTC3543T Datasheet
99Kb / 3P
   RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION.
KTA1544T KEC-KTA1544T Datasheet
83Kb / 3P
   RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION.
logo
List of Unclassifed Man...
TDE1797 ETC-TDE1797 Datasheet
276Kb / 1P
   LAMP AND RELAY DRIVERS
logo
KEC(Korea Electronics)
KTC3552T KEC-KTC3552T Datasheet
88Kb / 3P
   DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
logo
Sanyo Semicon Device
2SB764 SANYO-2SB764_03 Datasheet
40Kb / 4P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com